bells fb bell dimensions technical specification catalogue numbers reference fb/24/red cat no 502001med-8015x description electronic solenoid bell 24 volts dc, red fb/24/red/wp 506001MED-8016X electronic solenoid bell 24 volts dc, red, weatherproof features ? modern design ? simple instalation ? weatherproof kit option ? high sound output benefits ? suitable for all locations ? easy to fit ? provides protection up to ip33c ? delivers up to 95db(a) a unique, patented alarm bell designed for use in fire, security and other signalling systems. the combination of a miniature solenoid with an integrated control circuit allows excellent sound coverage, minimum current consumption and increased reliability. the improved aesthetics make the bell suitable for all applications including the most prestigious locations. voltage 24vdc current 24 vdc 25 - 35ma sound output 95db(a) monitoring reverse polarity (dc only) temperature -10c to +55c (indoor) -25c to +70c (outdoor) protection ip21c, ip33c (wp) construction gong - steel, base - polycarbonate weight 24 volt 1.1kg colours gong - red and grey base - black ?155mm 85mm fb bell grey
|